Part Number Hot Search : 
2SA15 PA50R MB81C86 EM74XXX 01002 NJL5152M E0526S 3DD1300
Product Description
Full Text Search
 

To Download 142PC150D-PCB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140PC...-PCB Series
Signal conditioned precision pressure transducers
FEATURES * 1 to 150 psi absolute, gage or differential pressure (custom calibrations available) * 1...6 V output * Output ratiometric to supply voltage * Precision temperature compensated and calibrated * Special calibrations for small volumes on request * EMC-proof SERVICE
Non-corrosive, non-ionic working fluids, such as dry air and dry gases
Scale: 1 cm 1 inch
SPECIFICATIONS
Maximum ratings Supply voltage Maximum load current Source Sink Temperature limits Storage Operating Compensated Lead temperature (10 sec. soldering) Humidity limits Pressure inlets only Proof pressure1 All 1 psi, 3 psi, 5 psi devices All 15 psi devices All 30 psi devices All 100 psi devices All 150 psi devices 7...16 V 10 mA 5 mA
ELECTRICAL CONNECTION
+Vs
-55 to 100C -40 to 85C 0 to 70C
7 V to 16 V (NOM 8.00 V)
140PC...-PCB
300C
Vout V -Vs
0 - 98 %RH 20 psi 30 psi 60 psi 150 psi 200 psi
March 2006 / 554
1/4
www.sensortechnics.com
140PC...-PCB Series
Signal conditioned precision pressure transducers
PERFORMANCE CHARACTERISTICS
(unless otherwise noted VS = 8.00 0.01 V, RL > 100 k, tamb = 25C)
Characteristics
Operating pressure vacuum gage devices2 141PC01G-PCB 141PC05G-PCB 141PC15G-PCB 141PC30G-PCB 141PC100G-PCB 142PC01D-PCB 142PC05D-PCB 142PC15D-PCB 142PC30D-PCB 142PC100D-PCB 142PC150D-PCB 142PC15A-PCB 142PC30A-PCB 142PC100A-PCB 143PC01D-PCB 143PC03D-PCB 143PC05D-PCB 143PC15D-PCB 141PC.../142PC...-PCB 143PC...-PCB 141PC.../142PC...-PCB 143PC...-PCB 143PC...-PCB all 1 psi devices all others
Min.
-1 -5 -15 -30 -100 0 0 0 0 0 0 0 0 0 -1 -2.5 -5 -15 0.95 3.45 4.95 2.45 5.90
Typ.
Max.
0 0 0 0 0 1 5 15 30 100 150 15 30 100 1 2.5 5 15 1.05 3.55 5.05 2.55 6.10 0.5 3.0 1.0
Unit
p si g (vacuum)
differential devices3
psid(g)
absolute devices3
p si a
pressure/vacuum devices3
psid(g)
Zero pressure offset Full scale span4 Full scale output Output at lowest specified pressure Non-linearity and hysteresis (BSL)5 Thermal effects6 Combined offset and span (0 to 70C) Long term stability7 Response time (10 to 90%) Current consumption Radiated, radio frequency electromagnetic field immunity (RFI) EN6100-4-3 grade 3, 80 to 1000 MHz, 80 % AMC (1 KHz)
1.00 3.50 5.00 2.50 6.00 1.00 0.1 1.5 0.5 0.1 0.1 4.5
V
%FSO
ms mA V/m
10
Specification notes:
1. Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element. 2. The output signal of all 141PC...-PCB devices is proportional to the vacuum applied to port A, relative to port B, e. g. the output signal increases when pressure is applied to port B relative to port A. 3. The output signal of all 142PC...D-PCB and 143PC...D-PCB devices is proportional to the pressure applied to port A, relative to port B, e.g. the output signal increases when vacuum is applied to port B relative to port A. 4. Full scale span is the algebraic difference between the positive full scale output and the zero pressure offset. 5. Non-linearity refers to the Best Straight Line fit measured for offset pressure, full scale pressure and 1/2 full scale pressure. 6. Thermal effects tested and guaranteed from 0 - 70C relative to 25C. All specifications shown are relative to 25C. 7. Change in output after one year or 1 million pressure cycles.
2/4
March 2006 / 554
www.sensortechnics.com
140PC...-PCB Series
Signal conditioned precision pressure transducers
OUTPUT CHARACTERISTICS
Vacuum gage devices 141PC...-PCB
6 Vout 5 V 4 3 2 1 -100 -80 -60 -40 -20 0 % full scale pressure (vacuum)
Differential devices 142PC...-PCB
6 Vout 5 V 4 3 2 1 0 20 40 60 80 100 % full scale pressure
Pressure/vacuum devices 143PC...-PCB
6 Vout 5 V 4 3 2 1 0 -100 3.5V
-50
0 50 100 % full scale pressure
March 2006 / 554
3/4
www.sensortechnics.com
140PC...-PCB Series
Signal conditioned precision pressure transducers
OUTLINE DRAWING
30.0 port A (high pressure) 14.0 18.3 2 x 5.08 typ. 22.7 1 2 3 12.6
connection +Vs -Vs Vout
31.5 9.1 3 terminals 0.56 diam.
59.8
52.4
10.7
3,4
4.8 diam.
3.2 diam. 2 x mounting holes
NOM 6.0
pin 1 2 3
mass: 20 g
dimensions in mm
ORDERING INFORMATION
Operating pressure
Vacuum gage devices 0 to -1 psig 0 to -5 psig 0 to -15 psig 0 to -30 psig 0 to -100 psig Differential / gage devices 0 to 1 psid(g) 0 to 5 psid(g) 0 to 15 psid(g) 0 to 30 psid(g) 0 to 100 psid(g) 0 to 150 psid(g) Absolute devices 0 to 15 psia 0 to 30 psia 0 to 100 psia Pressure/vacuum devices 0 to 1 psid(g) 0 to 2.5 psid(g) 0 to 5 psid(g) 0 to 15 psid(g) 143PC01D-PCB 143PC03D-PCB 143PC05D-PCB 143PC15D-PCB 142PC15A-PCB 142PC30A-PCB 142PC100A-PCB 142PC01D-PCB 142PC05D-PCB 142PC15D-PCB 142PC30D-PCB 142PC100D-PCB 142PC150D-PCB 141PC01G-PCB 141PC05G-PCB 141PC15G-PCB 141PC30G-PCB 141PC100G-PCB
part number
Custom calibrations available
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. 4/4 March 2006 / 554
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of 142PC150D-PCB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X